전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D1100B 데이터시트(PDF) 6 Page - Nell Semiconductor Co., Ltd

부품명 D1100B
상세설명  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D1100B 데이터시트(HTML) 6 Page - Nell Semiconductor Co., Ltd

  D1100B_17 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd D1100B_17 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig.19 Thermal lmpedance R
characteristics
thJ-hs
Square wave pulse duration (s)
10
0.1
0.01
0.001
0.001
0.01
0.1
1
Steady State Value
(Single side cooled)
R
(DC) = 0.076 K/W
thJ-hs
(Double side cooled)
R
(DC) = 0.038 K/W
thJ-hs
(DC Operation)
ORDERING INFORMATION TABLE
1
-
"D" for standard recovery diode
2
-
Maximum average forward current, "1100" for 1400A and 1100A
3
Device code
1100
D
B
20
1
2
3
4
-
Case style : "B" for Nell's B-type Capsule, B-43 (E-PUK)
-
Voltage code, code x 100 = VRRM
4
Page 6 of 7
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1100B Series


유사한 부품 번호 - D1100B_17

제조업체부품명데이터시트상세설명
logo
Nell Semiconductor Co.,...
D1100B NELLSEMI-D1100B Datasheet
291Kb / 7P
   Standard Recovery Diodes
More results

유사한 설명 - D1100B_17

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com