전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1100B_17 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 D1100B_17
상세내용  Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
FEATURES
High voltage ratings up to 3200 V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
RoHS
RoHS
Standard Recovery Diodes
Nell High Power Products
Hockey PUK version
D1100B Series
(Hockey PUK Version), 1100A/1400A
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
1100A/1400A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
VRRM
IFSM
IF(RMS)
2
I t
TEST CONDITIONS
Ths
50 HZ
60 HZ
50 HZ
60 HZ
Typical
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM REPETITIVE
RRM
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT T = T
MAXIMUM
J
J
mA
08
12
16
20
25
800
1200
1600
2000
2500
900
1300
1700
2100
2600
35
Wide current range
B-43(E-PUK)
Page 1 of 7
www.nellsemi.com
IF(AV)
TJ
Ths
D1100B
Case style B-43(E-PUK), Nell’s B-type Capsule
Lead (Pb)-free
High power drives
Medium traction applications
(Nell’s B-type Capsule )
30
3000
3100
UNIT
V
2
kA s
A
ºC
A
25
800 to 2000
13000
13610
1400
2500
768
845
D1100B
55
ºC
A
ºC
08 TO 20
25 TO 32
25
2500 to 3200
10500
11000
1100
2000
502
551
55
-40 to 175
-40 to 150
32
3200
3300




Html 페이지

1  2  3  4  5  6  7 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl