전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1600C_17 데이터시트(Datasheet) 4 Page - Nell Semiconductor Co., Ltd

부품명 D1600C_17
상세내용  Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 4 page
background image
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Fig.9 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
Fig.10 Thermal lmpedance Z
characteristics
thJ-hs
Square wave pulse duration (s)
1
10
100
0.01
0.1
1
10000
1000
100
10
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 175°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
16000
14000
12000
10000
8000
6000
4000
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 175°C, @50Hz
J
No Voltage Reapplied
Rated V
Reapplied
RRM
3000
5000
7000
9000
11000
13000
15000
17000
T = 25°C
J
T = 175°C
J
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
0.01
0.001
0.001
0.01
0.1
1
Steady State Value
(Single side cooled)
R
(DC) = 0.073 K/W
thJ-hs
(Double side cooled)
R
(DC) = 0.031 K/W
thJ-hs
(DC Operation)
Single side cooled
Double side cooled
Page 4 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl