전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1600C_17 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 D1600C_17
상세내용  Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
FEATURES
High voltage ratings up to 2000 V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
RoHS
RoHS
Standard Recovery Diodes
Nell High Power Products
Hockey PUK version
D1600C Series
(Hockey PUK Version), 1600A
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
1600A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
V
VRRM
IFSM
IF(RMS)
2
I t
2
kA s
A
ºC
TEST CONDITIONS
Ths
A
25
400 to 3000
16600
17400
50 HZ
60 HZ
50 HZ
60 HZ
Typical
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM REPETITIVE
RRM
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
,
MAXIMUM
RRM
AT T = T
MAXIMUM
J
J
mA
08
12
16
18
20
800
1200
1600
1800
2000
900
1300
1700
1900
2100
50
Wide current range
1600
3010
1256
1378
DO-200AB(B-PUK)
VALUES
55
Page 1 of 5
www.nellsemi.com
ºC
IF(AV)
TJ
-40 to 175
A
ºC
Ths
D1600C
Case style DO-200AB(B-PUK), Nell’s C-type Capsule
Lead (Pb)-free
High power drives
Medium traction applications
(Nell’s C-type Capsule)




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl