전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

D1600C_17 데이터시트(Datasheet) 2 Page - Nell Semiconductor Co., Ltd

부품명 D1600C_17
상세내용  Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 2 page
background image
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
A
55 (85)
ºC
Maximum peak, one cycle
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
3010
16600
17400
14000
14700
1378
1256
980
2
kA s
A
897
t = 0.1 to 10 ms, no voltage reapplied
Maximum l²t for fusing
13778
V
0.83
1600(820)
VFM
l
= 3000A,T =T maximum
pk
J
J
,
0.27
V
VF(TO)1
rt1
2
I √t
2
kA s
Maximum l²√t for fusing
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
Sinusoidal half wave,
initial T = T maximum
J
J
IF(RMS)
VF(TO)2
rt2
Maximum forward voltage drop
High level value of forward slope resistance
Low level value of forward slope resistance
High level value of threshold voltage
Low level value of threshold voltage
Maximum RMS forward current
25°C heatsink temperature double side cooled
(16.7% x π x l
< I < π x l
),T =T maximum
F(AV)
F(AV)
J
J
(I > π x l
),T =T maximum
F(AV)
J
J
(16.7% x π x l
< I < π x l
),T =T maximum
F(AV)
F(AV)
J
J
(I > π x l
),T =T maximum
F(AV)
J
J
A
0.95
0.25
1.64
2
I t
t = 10 ms sinusoidal wave
p
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
ºC
-40 to 175
-40 to 200
0.073
0.031
14700
(1500)
255
TO-200AB (B-PUK), Nell’s C-type Capsule
g
(kg)
N
K/W
Maximum junction operating temperature range
Maximum storage temperature range
Maximum thermal resistance, junction to heatsink
Mounting force, ±10%
Approximate weight
Case style
TJ
Tstg
RthJ-hs
DC operation single side cooled
DC operation double side cooled
RthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
120°
90°
60°
30°
• The table above shows the increment of thermal resistance R
when devices operate at different conduction angles than DC
thJ-hs
Note
 
UNITS
TEST CONDUCTIONS
K/W
T = T maximum
J
J
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
0.009
0.011
0.014
0.020
0.035
0.009
0.011
0.014
0.020
0.035
0.006
0.006
0.011
0.011
0.015
0.015
0.021
0.021
0.036
0.036
Page 2 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
D1600C Series




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl