전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NKSD800-100 데이터시트(Datasheet) 3 Page - Nell Semiconductor Co., Ltd

부품명 NKSD800-100
상세내용  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 3 page
background image
Fig.1 Typical forward voltage drop
characteristics (Per Leg)
Forward voltage drop, V
(V)
FM
Reverse voltage, V (V)
R
Fig.2 Typical values of reverse current vs.
Reverse voltage (Per Leg)
Fig.3-1 Maximum thermal impedance R
characteristics
th(j-c)
(Per Leg, for non-insulated)
Rectangular pulse duration,t (s)
1
T =
J
175ºC
10000
1000
100
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1000
100
10
1
0.1
0.01
0.001
0
20
40
60
80
100
T = 17
J
5ºC
T = 1
J
50ºC
T = 125
J
ºC
T = 100
J
ºC
T = 7
J
5ºC
T = 2
J
5ºC
T =
J
50ºC
1
0.1
0.01
0.001
0.00001
0.0001
0.001
0.01
0.1
1
10
D = 0.75
D = 0.50
D= 0.33
D = 0.25
D =0.20
Single pulse
(thermal resistance)
www.nellsemi.com
Page 3 of 6
1
NK
2
S
D
800
100
-
R
3
4
5
6
1
2
-
3
-
4
-
-
Device code
-
5
7
-
Nell's power module
S for Schottky Barrier Diode
D for Dual Diodes, IAP Package
Maximum average forward current, A
Voltage rating (100 = 100V)
None for non-insulated type
"
I" for insulated type
I
7
6
- None for common cathode configuration
common anode configuration
"R" for
Ordering Information Table
1.4
T =
J
25ºC
NKSD800-100 Series RoHS
RoHS
Nell High Power Products




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl