전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NKSD800-100 데이터시트(Datasheet) 4 Page - Nell Semiconductor Co., Ltd

부품명 NKSD800-100
상세내용  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 4 page
background image
www.nellsemi.com
Page 4 of 6
Fig.3-2 Maximum thermal impedance R
characteristics
th(j-c)
(Per Leg, for insulated)
Rectangular pulse duration,t (s)
1
1
0.1
0.01
0.001
0.00001
0.0001
0.001
0.01
0.1
1
10
D =0.2
D = 0.5
D= 0.33
D = 0.25
Single pulse
(thermal resistance)
Fig.4 Typical junction capacitance vs.
Reverse voltage (Per Leg )
Fig.5 Maximum allowable case temperature
vs. Average forward current (Per Leg)
Fig.6 Forward power loss characteristics
(Per Leg)
Fig.7 Maximum non-repetitive surge current
(Per Leg)
D = 0.75
NKSD800-100 Series RoHS
RoHS
Nell High Power Products
Reverse voltage, V (V)
R
Average forward current, l
(A)
F(AV)
180
160
140
120
100
80
0
100
200
600
300
400
10000
1000
0
10
20
30
40
50
60
70
80
90 100
T =
J
25ºC
100000
500
Square wave (D = 0.50)
80% rated V applied
r
See note (1)
DC
Cycles @ 50Hz
10000
5000
0
1
100
10
At any rated load condition
and with rated V
applied
RRM
following surge
Average forward current, l
(A)
F(AV)
400
150
100
50
0
0
100
200
500
200
250
300
400
300
350
600
DC
RMS limit
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl