전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NKSD800-100 데이터시트(Datasheet) 5 Page - Nell Semiconductor Co., Ltd

부품명 NKSD800-100
상세내용  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 5 page
background image
+
Fig.8 Unclamped lnductive test circuit
L
IRFP460
R = 25Ω
g
D.U.T.
Current
Freewheel
High-speed
V = 25V
d
switch
diode
monitor
www.nellsemi.com
Page 5 of 6
Note
(1) Formula used:T = T - (Pd+Pd
) x R
;
C
J
REV
thJC
Pd
= lnverse power loss = V
x l (1-D); l at V
= 80% rated V
REV
R1
R
R
R1
R
Pd = Forward power loss = l
x V
at(l
/D)(see fig.6)
F(AV)
FM
F(AV)
IAP (Non-Insulated)
2-Φ6.5
94.0
46.0
80.0
18.0
2-M6 Screw
1
2
3
24.0
All dimensions in millimeters
NKSD800-100 Series RoHS
RoHS
Nell High Power Products




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl