전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NKSD800-100 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 NKSD800-100
상세내용  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
NKSD800-100 Series RoHS
RoHS
Schottky Rectifier
www.nellsemi.com
Page 1 of 6
FEATURES
175°C T operation
J
Center tap module
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and
long term reliability
Lead (Pb)-free
Designed and qualified for industrial level
TYPICAL APPLICATIONS
High current switching power supplies
Plating power supplies
UPS system
Converters
Freewheeling
Welder
Reverse battery protection.
The NKSD800... Schottky rectifier common
cathode module series has been optimized
for low reverse leakage at high temperature.
The proprietary barrier technology allows for
reliable operation up to 175 °C junction
temperature.
DESCRIPTION
IAP (insulated)
IAP (non-insulated)
Base
Lug
terminal
anode 1
Lug
terminal
anode 2
common cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
Lug terminal
common cathode
*Add suffix ”R” for common anode
MAJOR RATINGS AND CHARACTERISTICS
UNIT
lFSM
IF(AV)
A
CHARACTERISTICS
Rectangular waveform
A
t
5 µs sine
p =
400 Apk, T = 125°C (per leg)
j
Range
SYMBOL
VALUES
800
100
46000
0.70
-55 to 175
ºC
VRRM
TJ
VF
V
V
VOLTAGE RATINGS
UNIT
VR
PARAMETER
Maximum DC reverse voltage
SYMBOL
NKSD800-100
100
VRWM
V
Maximum working peak reverse voltage
PRODUCT SUMMARY
VR
100 V
lF(AV)
Nell High Power Products
NKSD800-100
NKSD800-100I
Lug terminal
cathode 1
Lug terminal
common anode
Lug terminal
cathode 2
NKSD800-100RI
*Add suffix “I” for insulated type
800A (400AX2)
Base
Lug
terminal
cathode 1
Lug
terminal
cathode 2
common anode
NKSD800-100R
*Add suffix ”R” for common anode
800A/100V (400A x 2/100V)




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl