전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NKSD800-100 데이터시트(Datasheet) 2 Page - Nell Semiconductor Co., Ltd

부품명 NKSD800-100
상세내용  Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 2 page
background image
ABSOLUTE MAXIMUM RATINGS
UNIT
lFSM
IF(AV)
A
SYMBOL
Maximum average forward
current
See fig.5
A
Non- repetitive avalanche energy per leg
PARAMETER
TEST CONDITIONS
400
800
46000
6000
40
mJ
lAR
EAS
VALUES
per leg
per device
50% duty cycle at T = 120°C, rectangular waveform
C
2
Maximum peak one cycle non-repetitive
surge current per leg
See fig.7
Repetitive avalanche current per leg
5 µs sine or 3 µs rect. pulse
10 ms sine or 6 ms rect. pulse
Following any rated load
condition and with rated
V
applied
RRM
T =25°C, l
=20A, L=0.2mH
J
AS
Current decaying linearly to zero in 1 µs
Frequency limited by T maximum V =1.5xV typical
J
A
R
ELECTRICAL SPECIFICATIONS
UNIT
(1)
VFM
V
SYMBOL
Maximum forward voltage drop per leg
See fig.1
PARAMETER
TEST CONDITIONS
0.80
1.05
0.70
0.90
100
mA
(1)
lRM
VALUES
50
pF
nH
V/µs
12000
3
10000
400A
800A
400A
800A
Maximum reverse leakage current per leg
See fig.2
T = 25°C
J
T = 125°C
J
Maximum junction capacitance per leg
Typical series inductance per leg
Maximum voltage rate of change
CT
LS
dV/dt
Rated VR
From top of terminal hole to mounting plane
V = 5 V
(test signal range 100 kHz to 1 MH
Z) 25°C
R
DC
T = 25°C
J
T = 125°C
J
V = Rated V
R
R
Note
(1) Pulse width < 300 µs, duty cycle < 2%
THERMAL-MECHANICAL SPECIFICATIONS
UNIT
SYMBOL
Maximum junction and storage temperature range
PARAMETER
lbf ∙ in
Thermal resistance, junction to case per leg
Thermal resistance, junction to case
per module
Thermal resistance, case to heatsink
Weight
IAP (non-insulated)
IAP (insulated)
T ,T
J
Stg
RthJC
RthCS
MIN.
TYP.
MAX.
lbf ∙ in
(N∙m)
g(oz.)
ºC
ºC/W
175
0.12
0.060
-
-
-
53.1 (6)
53.1 (6)
80
35
-
-
-
155 (5.47)
145 (5.11)
0.08
-
-
-
-55
-
-
-
-
-
44.2 (5)
44.2 (5)
-
-
Mounting torque, M6
Terminal torque, M6
vertical pull
2" lever pull
-
www.nellsemi.com
Page 2 of 6
V
2500 (1min)
Maximum RMS insulation voltage
(for insulated type)
VINS
TO-244 (non-insulated)
TO-244 (insulated)
-
-
0.16
INT-A-PAK
JEDEC
Case style
TO-244 (non-insulated)
TO-244 (insulated)
0.080
-
-
RthJC
μA
NKSD800-100 Series RoHS
RoHS
Nell High Power Products




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl