전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NST320S100C 데이터시트(Datasheet) 3 Page - Nell Semiconductor Co., Ltd

부품명 NST320S100C
상세내용  High Performance Schottky Rectifie
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 3 page
background image
Ordering Information Tabel
1
N
2
ST
320
100
3
1
2
-
3
-
-
Device code
-
4
Nell's high power module
Package indicator, “ST” for SOT-227
Maximum average forward current, 320 = 160A x 2
S = Schottky family
Fig.1 Maximum forward voltage drop
characteristics
Forward voltage drop, V
(V)
FM
Reverse voltage, V (V)
R
Fig.2 Typical values of reverse current vs.
reverse voltage
Fig.3 Maximum thermal impedance R
characteristics
th(j-c)
Rectangular pulse duration,t (s)
1
400
10
0.0
0.2
0.4
0.8
100
10
1
0.1
0.001
0
20
40
60
80
0.4
0.1
0.01
0.001
10
www.nellsemi.com
Page 3 of 5
SEMICONDUCTOR
RoHS
RoHS
0.6
100
Nell High Power Products
5
1
0.01
0.1
1s
0.01
1.0
NST320S100C Series
S
4
C
6
5
-
-
6
Voltage rating (100 = 100V)
Circuit configuration, Center tap common cathode,
non-insulated
T = 150
J
ºC
T = 12
J
5ºC
T = 2
J
5ºC
1.2
100
D=t /T
p
tp
T
(thermal resistance)
Single pulse
D = 0.5
D = 0.33
D = 0.25
D = 0.17
D = 0.08
T = 150
J
ºC
T = 125
J
ºC
T = 100
J
ºC
T = 75
J
ºC
T = 50
J
ºC
T = 25
J
ºC




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl