전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NST320S100C 데이터시트(Datasheet) 4 Page - Nell Semiconductor Co., Ltd

부품명 NST320S100C
상세내용  High Performance Schottky Rectifie
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 4 of 5
Fig.4 Typical junction capacitance vs.
reverse voltage
Fig.5 Maximum allowable case temperature
vs. Average forward current
Fig.6 Forward power loss characteristics
Reverse voltage, V (V)
R
Average forward current, l
(A)
F(AV)
Average forward current, l
(A)
F(AV)
10000
0
20
40
180
160
150
140
0
40
80
120
160
25
0
50
100
150
100
0
130
200
125
50
100
150
Nell High Power Products
120
110
100
+
Fig.7 Unclamped lnductive test circuit
L
IRF460B
R = 25Ω
g
D.U.T.
Current
Freewheel
High-speed
V = 25V
d
switch
diode
monitor
Note
(1) Formula used:T = T - (Pd+Pd
) x R
;
C
J
REV
thJC
Pd
= lnverse power loss = V
x l (1-D); l at V
= rated V
REV
R1
R
R
R1
R
Pd = Forward power loss = l
x V
at (l
/D)(see fig.6)
F(AV)
FM
F(AV)
40HFL40S02
1000
60
80
100
170
280
DC
Square wave (D = 0.50)
80% rated V applied
r
See note (1)
75
(40FD04A)
240
225
200
250
RMS limit
200
DC
120°
180°
30°
60°
90°
NST320S100C Series
T =
J
25ºC
90
80
250




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl