전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NST320S100C 데이터시트(Datasheet) 1 Page - Nell Semiconductor Co., Ltd

부품명 NST320S100C
상세내용  High Performance Schottky Rectifie
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 1 page
background image
SEMICONDUCTOR
NST320S100C Series RoHS
RoHS
FEATURES
PRODUCT SUMMARY
VR
320A
100V
High Performance Schottky Rectifier
175°C T operation
J
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and
long term reliability
Lead (Pb)-free
Designed and qualified for industrial level
SOT-227 ( Non-insulated)
MAJOR RATINGS AND CHARACTERISTICS
UNIT
lFSM
IF(AV)
A
CHARACTERISTICS
Rectangular waveform
A
tp = 5 µs sine
160 Apk, T = 125°C
J
Range
SYMBOL
VALUES
160 x 2
100
12000
0.80
-55 to 175
ºC
VRRM
TJ
VF
V
V
VOLTAGE RATINGS
UNIT
VR
PARAMETER
Maximum DC reverse voltage
SYMBOL
NST320S100C
100
VRWM
V
Maximum working peak reverse voltage
lF(AV)
www.nellsemi.com
Page 1 of 5
TYPICAL APPLICATIONS
High current switching power supplies
Plating power supplies
UPS system
Converters
Freewheeling diode
Welder
Reverse battery protection.
The NST320S100C Schottky rectifier module
series has been optimized for low reverse
leakage at high temperature.
The proprietary barrier technology allows
for reliable operation up to 175 °C junction
temperature.
DESCRIPTION
Nell High Power Products
320A/100V
Anode 2
Common
cathode
Anode 1
Anode 1
Anode 2
Base Plate
Common Cathode
International standard package SOT-227
Low I
values
RM




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl