전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NST320S100C 데이터시트(Datasheet) 2 Page - Nell Semiconductor Co., Ltd

부품명 NST320S100C
상세내용  High Performance Schottky Rectifie
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo 

   
 2 page
background image
ABSOLUTE MAXIMUM RATINGS
UNIT
lFSM
IF(AV)
A
SYMBOL
Maximum average forward current
per leg
A
Non- repetitive avalanche energy
PARAMETER
TEST CONDITIONS
160
12000
1400
11.3
mJ
lAR
EAS
VALUES
50% duty cycle at T = 100°C, rectangular waveform
C
1.5
Maximum peak one cycle non-repetitive
surge current
Repetitive avalanche current
5 µs sine or 3 µs rect. pulse
10 ms sine or 6 ms rect. pulse
Following any rated load
condition and with rated
V
applied
RRM
T =25°C, l
J
=15A, L=100μH
AS
Current decaying linearly to zero in 1 µs
f = 10 KHz, V =1.5xV typical
A
R
ELECTRICAL SPECIFICATIONS
UNIT
(1)
VFM
V
SYMBOL
Maximum forward voltage drop per leg
PARAMETER
TEST CONDITIONS
0.98
1.21
0.80
1.05
2
mA
(1)
lRM
VALUES
30
pF
nH
V/µs
2500
6.0
10000
160A
320A
160A
320A
Maximum reverse leakage current per leg
T = 25°C
J
T = 125°C
J
Maximum junction capacitance per leg
Typical series inductance per leg
Maximum voltage rate of change
CT
LS
dV/dt
Rated VR
From top of terminal hole to mounting plane
V = 5 V
(test signal range 100 kHz to 1 MH
Z) 25°C
R
DC
T = 25°C
J
T = 125°C
J
V = Rated V
R
R
Note
(1) Pulse width < 500 µs, duty cycle < 2%
THERMAL-MECHANICAL SPECIFICATIONS
UNIT
SYMBOL
Maximum junction and storage temperature range
PARAMETER
Thermal resistance, junction to case
Thermal resistance, case to heatsink
Weight
T ,T
J
Stg
RthJC
RthCS
MIN.
TYP.
MAX.
g(oz.)
ºC
ºC/W
175
0.30
-
-
30 (1.06)
-
-55
-
-
Mounting torque, ± 10%
to heatsink, M4
-
www.nellsemi.com
Page 2 of 5
SEMICONDUCTOR
RoHS
RoHS
-
-
JEDEC SOT-227 module (Non-insulated)
Case style
Nell High Power Products
0.15
-
Nm (lbf in)
1.1 (9.7)
1.1 (9.7)
NST320S100C Series
-
-
busbar, M4




Html 페이지

1  2  3  4  5 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl