전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

MTW60-51515 데이터시트(Datasheet) 1 Page - TDK Electronics

부품명 MTW60-51515
상세내용  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo 

   
 1 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 13, 2019 (GMT)
MTW60-51515
Sales Region
Worldwide
Series
MTW
Status
Production
Feature
Option
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 265V
Input Voltage Range[DC]
Efficiency
76% Typ.
Rated Output Voltage[DC]
+5V +15V -15V
Output Voltage Range[DC]
+4.5 to
+5.5V
Fixed
Fixed
Minimum Output Current
Maximum Output Current
5A
2A
0.5A
Maximum Average Current
Maximum Peak Current
7A
3.5A 0.7A
Total Maximum(Average) Output Power
62.5W
Total Maximum Peak Power
Cases Shape & Size
Case’s shape
PC board
Width(W)
83mm Nom.
Height(H)
26mm Nom.
Depth(D)
185mm Nom.
Weight
330g Typ.
Other
Operating Temp. Range
-10 to 60°C
Cooling
Convection cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1 (C-UL)
EN60950-1
Safety Standard(Conformed)
Den-an




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl