전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NND15-1212 데이터시트(Datasheet) 1 Page - TDK Electronics

부품명 NND15-1212
상세내용  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo 

   
 1 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 13, 2019 (GMT)
NND15-1212
Sales Region
Worldwide
Series
NND
Status
Production
Feature
Option
Option Lineup
Recommended EMC Filter
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 115V
170 to 230V
Input Voltage Range[DC]
Efficiency
45% Typ.
Rated Output Voltage[DC]
+12V -12V
Output Voltage Range[DC]
+10.8 to +13.2V -10.8 to -13.2V
Minimum Output Current
Maximum Output Current
0.75A 0.75A
Maximum Average Current
Maximum Peak Current
Total Maximum(Average) Output Power
18W
Total Maximum Peak Power
Cases Shape & Size
Case’s shape
Unit
Width(W)
60mm Nom.
Height(H)
113.5mm Nom.
Depth(D)
150mm Nom.
Weight
1750g Typ.
Other
Operating Temp. Range
-20 to 71°C
Cooling
Convection cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1
EN60950-1
Safety Standard(Conformed)




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl