전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ626 데이터시트(PDF) 5 Page - NEC

부품명 2SJ626
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SJ626 데이터시트(HTML) 5 Page - NEC

  2SJ626 Datasheet HTML 1Page - NEC 2SJ626 Datasheet HTML 2Page - NEC 2SJ626 Datasheet HTML 3Page - NEC 2SJ626 Datasheet HTML 4Page - NEC 2SJ626 Datasheet HTML 5Page - NEC 2SJ626 Datasheet HTML 6Page - NEC 2SJ626 Datasheet HTML 7Page - NEC 2SJ626 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D15962EJ1V0DS
5
2SJ626
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−10 V
-25
°C
25
°C
75
°C
TA = 125
°C
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−4.5 V
−25°C
25
°C
75
°C
TA = 125
°C
ID - Drain Current - A
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
SWITCHING CHARACTERISTICS
0
200
400
600
800
-0.01
-0.1
-1
-10
Pulsed
VGS =
−4.0 V
-25
°C
25
°C
75
°C
TA = 125°C
TA = 125°C
TA = 125°C
TA = 125
°C
1
10
100
1000
-0.1
-1
-10
VDD =
−30 V
VGS =
−10 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current – A
ID - Drain Current - A
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
1
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
C iss
C oss
C rss
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
Pulsed
VGS = 0 V
VDS - Drain to Source Voltage - V
VF(S-D) - Source to Drain Voltage - V


유사한 부품 번호 - 2SJ626

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ626 RENESAS-2SJ626 Datasheet
200Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SJ626 RENESAS-2SJ626_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

유사한 설명 - 2SJ626

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com