전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6469DQ 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI6469DQ
상세설명  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6469DQ 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI6469DQ Datasheet HTML 1Page - Vishay Siliconix SI6469DQ Datasheet HTML 2Page - Vishay Siliconix SI6469DQ Datasheet HTML 3Page - Vishay Siliconix SI6469DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6469DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70858
S-60717—Rev. A, 01-Feb-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typb
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V, TJ = 70_C
–25
mA
On-State Drain Currenta
ID(on)
VDS w –8 V, VGS = –4.5 V
–30
A
DiS
OS
R
i
a
VGS = –4.5 V, ID = –6.0 A
0.021
0.028
W
Drain Source On State Resistancea
rDS( )
VGS = –3.3 V, ID = –5.8 A
0.024
0.031
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –5.0 A
0.030
0.040
W
VGS = –1.8 V, ID = –3.6 A
0.048
0.065
Forward Transconductancea
gfs
VDS = –8 V, ID = –6.0 A
18
S
Diode Forward Voltagea
VSD
IS = –1.25 A, VGS = 0 V
–0.68
–1.1
V
Dynamicb
Total Gate Charge
Qg
V
6 V V
45 V I
60 A
20
40
C
Gate-Source Charge
Qgs
VDS = –6 V, VGS = –4.5 V, ID = –6.0 A
4.5
nC
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
td(on)
V6 V R
6
W
20
50
Rise Time
tr
VDD = –6 V, RL = 6 W
I1 A V
4 5 V R
6
W
30
60
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
85
150
ns
Fall Time
tf
50
90
Source-Drain Reverse Recovery Time
trr
IF = –1.25 A, di/dt = 100 A/ms
50
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing


유사한 부품 번호 - SI6469DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6463BDQ VISHAY-SI6463BDQ Datasheet
46Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI6463BDQ VISHAY-SI6463BDQ Datasheet
199Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI6463BDQ VISHAY-SI6463BDQ_05 Datasheet
199Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
logo
Fairchild Semiconductor
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI6465DQ VISHAY-SI6465DQ Datasheet
95Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
More results

유사한 설명 - SI6469DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com