전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA1L3N 데이터시트(PDF) 1 Page - NEC

부품명 BA1L3N
상세설명  on-chip resistor NPN silicon epitaxial transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

BA1L3N 데이터시트(HTML) 1 Page - NEC

  BA1L3N Datasheet HTML 1Page - NEC BA1L3N Datasheet HTML 2Page - NEC BA1L3N Datasheet HTML 3Page - NEC BA1L3N Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1998
©
Document No. D16176EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
BA1L3N
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
On-chip bias resistor
(R1 = 4.7 k
Ω, R2 = 10 kΩ)
Complementary transistor with BN1L3N
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC(DC)
100
mA
Collector current (Pulse)
IC(pulse) *
200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 5.0 V, IC = 5.0 mA
35
60
80
DC current gain
hFE2 **
VCE = 5.0 V, IC = 50 mA
80
230
Collector saturation voltage
VCE(sat) **
IC = 5.0 mA, IB = 0.25 mA
0.05
0.2
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.9
0.6
V
High level input voltage
VIH **
VCE = 0.2 V, IC = 5.0 mA
3.0
1.5
V
Input resistance
R1
3.29
4.7
6.11
k
E-to-B resistance
R2
710
13
k
Turn-on time
ton
0.2
µs
Storage time
tstg
5.0
µs
Turn-off time
toff
VCC = 5 V, RL = 1 k
VI = 5 V, PW = 2
µs
duty cycle
≤2 %
6.0
µs
** PW
≤ 350
µs, duty cycle ≤ 2 %


유사한 부품 번호 - BA1L3N

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
BA1L3N RENESAS-BA1L3N Datasheet
238Kb / 6P
   COMPOUND TRANSISTOR
2002
More results

유사한 설명 - BA1L3N

제조업체부품명데이터시트상세설명
logo
NEC
AB1A4A NEC-AB1A4A Datasheet
85Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
AQ1L2N NEC-AQ1L2N Datasheet
104Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
BA1L3M NEC-BA1L3M Datasheet
90Kb / 4P
   On-chip resistor NPN Silicon Epitaxial Transistor
AP1A3M NEC-AP1A3M Datasheet
84Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
BA1L4Z NEC-BA1L4Z Datasheet
97Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor
AN1L3N NEC-AN1L3N Datasheet
82Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
AR1A3M NEC-AR1A3M Datasheet
96Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor
BA1A4Z NEC-BA1A4Z Datasheet
75Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
AN1A3Q NEC-AN1A3Q Datasheet
83Kb / 4P
   On-Chip Resistor PNP Silicon Epitaxial Transistor
AN1L3M NEC-AN1L3M Datasheet
83Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com