전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8131B00B 데이터시트(PDF) 10 Page - Nippon Precision Circuits Inc

부품명 SM8131B00B
상세설명  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B00B 데이터시트(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8131B00B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—10
Switching to power-save mode
The internal circuit operating mode switches from
×1.0/×1.5 mode to power-save mode when both EN1 and
EN2 go LOW and do not switch HIGH for an interval of 1.63ms (max). This function turns the LEDs OFF and
automatically transfers internal circuit control to power-save mode, suppressing current consumption.
(1) If the EN signals are input after power is applied and the POR time has expired, the internal enable signal
“CE” switches with the EN1
+ EN2 signal.
(2) If the internal enable signal “CE” goes from HIGH to LOW and are held for an interval greater than the
“CE” hold time 1.63ms (max), the SM8131B switches to power-save mode. The internal circuits are reset
on the “CE” falling edge, and the current setting must be re-established before restart.
EN input signal and internal enable signal “CE”
CE hold time 1.63ms (max)
EN1 input
EN2 input
EN1+EN2
Internal
enable (CE)
Power
save
Power
save
1.0 or 1.5
(1)
(2)


유사한 부품 번호 - SM8131B00B

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

유사한 설명 - SM8131B00B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com