전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3404 데이터시트(PDF) 1 Page - NEC

부품명 2SK3404
상세설명  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SK3404 데이터시트(HTML) 1 Page - NEC

  2SK3404 Datasheet HTML 1Page - NEC 2SK3404 Datasheet HTML 2Page - NEC 2SK3404 Datasheet HTML 3Page - NEC 2SK3404 Datasheet HTML 4Page - NEC 2SK3404 Datasheet HTML 5Page - NEC 2SK3404 Datasheet HTML 6Page - NEC 2SK3404 Datasheet HTML 7Page - NEC 2SK3404 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999, 2000
MOS FIELD EFFECT TRANSISTOR
2SK3404
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No.
D14638EJ2V0DS00 (2nd edition)
Date Published
May 2001 NS CP(K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5 shows major revised points.
DESCRIPTION
The 2SK3404 is N-Channel MOS FET device that features a
low on-state resistance and excellent switching characteristics,
designed for low voltage high current applications such as
DC/DC converter with synchronous rectifier.
FEATURES
• 4.5-V drive available
• Low on-state resistance
RDS(on)1 = 14 m
Ω MAX. (VGS = 10 V, ID = 20 A)
• Low gate charge
QG = 25 nC TYP. (ID = 40 A, VDD = 24 V, VGS = 10 V)
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±40
A
Drain Current (Pulse)
Note
ID(pulse)
±160
A
Total Power Dissipation (TA = 25°C)
PT1
1.5
W
Total Power Dissipation (TC = 25°C)
PT2
40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10
µs, Duty Cycle ≤ 1%
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3404
TO-220AB
2SK3404-ZK
TO-263(MP-25ZK)
2SK3404-ZJ
TO-263(MP-25ZJ)


유사한 부품 번호 - 2SK3404

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SK3404 KEXIN-2SK3404 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3404 ISC-2SK3404 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3404 RENESAS-2SK3404 Datasheet
203Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Inchange Semiconductor ...
2SK3404-Z ISC-2SK3404-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3404-ZJ RENESAS-2SK3404-ZJ Datasheet
203Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

유사한 설명 - 2SK3404

제조업체부품명데이터시트상세설명
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com