전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

XPT7603 데이터시트(Datasheet) 8 Page - List of Unclassifed Manufacturers

부품명 XPT7603
상세내용  4-wire resistive touch screen controller
PDF  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

 8 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 8/25
Resolution
Accuracy
Differential mode
3
Differential mode
3
2
±4
Digital Input/Output
Logic Type
Capacitance
VIH
VIL
VOH
VOL
Data Format
All Digital Control Input Pins
| IIH |
≤+5µA
| IIL |
≤+5µA
IOH=-250µA
IOL=250µA
VDD*0.7
-0.3
VDD*0.8
Straight
Binary
CMOS
5
15
VDD+0.3
0.3*VDD
0.4
pF
V
V
V
V
Power Requirement
VDD
Quiescent Current
Operating Range
Internal Vref Off
Internal Vref On
Power-Down State
1.8
100
300
5.5
150
3
V
µA
µA
µA
Temperature Range
Feature
-40
+85
Description:
1. LSB that the least significant bit. When VREF = +2.5 V, for the 12bits ADC, the LSB is 610
μV
2. In order to ensure reliable chip, X, Y can not be larger than the drive current 50mA
3. TEMP0 and TEMP1 test the difference, without correction




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl