전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AX-1838HS 데이터시트(Datasheet) 3 Page - List of Unclassifed Manufacturers

부품명 AX-1838HS
상세내용  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 3 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
Electrical And Optical Characteristics(Ta=25℃)
*1:The ray receiving surface at a vertex and relation to the ray axis in the range of θ=0° and
θ=45°
*2:A range from 30cm to the arrival distance. Average value of 50 pulses
BLOCK DIAGRAM
Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
Vs
2.1
-
5.5
V
Supply Current
Icc
¡
¡
1.5
mA
No signal input
L0
17
¡
¡
Reception Distance
L45
8
¡
¡
m
At the ray axis
*1
B.P.F Center Frequency
fo
¡
38
¡
KHz
Peak Wavelength
p
¡
940
¡
nm
Half Angle
¡
45
¡
deg
At the ray axis
*1
High Level Pulse Width
TH
400
¡
800
S
Low Level Pulse Width
TL
400
¡
800
S
At the ray axis
*2
High Level Output Voltage
VH
4.5
¡
¡
V
Low Level Output Voltage
VL
¡
¡
0.5
V
Preamp
ABLC
Amp
Limiter
B.P.F
Demodulator
Integrator
Comparator
PD
Vcc
Vout
GND
Rev: 1.0Page: 2of 5




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl