전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AX-1838HS 데이터시트(Datasheet) 4 Page - List of Unclassifed Manufacturers

부품명 AX-1838HS
상세내용  The separate PIN diode and preamplifier IC are assembled on a single leadframe.
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 4 page
background image
a
aiix
xiin
n o
op
ptto
o--e
elle
ec
cttrriic
ca
all tte
ec
ch
hn
no
ollo
og
gy
y c
co
o..,,llttd
d
AX-1838HS
http://www.photo-link.cn
Test Method
100k
>10k
VH
H
T
L
T
D.U.T Output Pulse
Transmitter Output
A.Standard Transmitter
VL
Vout
Vcc
D.U.T
GND
5.0¡ 0.1V
Vout
Oscilloscope
Standard
Transmitter
600us
600us
10uF
+
20cm
Standard
Transmitter
Vout
Oscilloscope
600us
600us
0V
Transmitter Output
C.Pulse Width Test
B.Detection Length Test
 Application Circuit

Infrared
Emitting
Diode
IRM
47uF
Vcc
Out
GND
GND
+5V
uC
>10k
47
Rev: 1.0 Page: 3 of 5




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl