전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT6203B 데이터시트(PDF) 15 Page - Richtek Technology Corporation

부품명 RT6203B
상세설명  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203B 데이터시트(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6203B Datasheet HTML 11Page - Richtek Technology Corporation RT6203B Datasheet HTML 12Page - Richtek Technology Corporation RT6203B Datasheet HTML 13Page - Richtek Technology Corporation RT6203B Datasheet HTML 14Page - Richtek Technology Corporation RT6203B Datasheet HTML 15Page - Richtek Technology Corporation RT6203B Datasheet HTML 16Page - Richtek Technology Corporation RT6203B Datasheet HTML 17Page - Richtek Technology Corporation RT6203B Datasheet HTML 18Page - Richtek Technology Corporation RT6203B Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RT6203B
15
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Code
Binary
VOUT
Code
Binary
VOUT
Code
Binary
VOUT
0
0000000
0.720
26
0011010
0.980
52
0110100
1.240
1
0000001
0.730
27
0011011
0.990
53
0110101
1.250
2
0000010
0.740
28
0011100
1.000
54
0110110
1.260
3
0000011
0.750
29
0011101
1.010
55
0110111
1.270
4
0000100
0.760
30
0011110
1.020
56
0111000
1.280
5
0000101
0.770
31
0011111
1.030
57
0111001
1.290
6
0000110
0.780
32
0100000
1.040
58
0111010
1.300
7
0000111
0.790
33
0100001
1.050
59
0111011
1.310
8
0001000
0.800
34
0100010
1.060
60
0111100
1.320
9
0001001
0.810
35
0100011
1.070
61
0111101
1.330
10
0001010
0.820
36
0100100
1.080
62
0111110
1.340
11
0001011
0.830
37
0100101
1.090
63
0111111
1.350
12
0001100
0.840
38
0100110
1.100
64
1000000
1.360
13
0001101
0.850
39
0100111
1.110
65
1000001
1.370
14
0001110
0.860
40
0101000
1.120
66
1000010
1.380
15
0001111
0.870
41
0101001
1.130
67
1000011
1.390
16
0010000
0.880
42
0101010
1.140
68
1000100
1.400
17
0010001
0.890
43
0101011
1.150
69
1000101
1.410
18
0010010
0.900
44
0101100
1.160
70
1000110
1.420
19
0010011
0.910
45
0101101
1.170
71
1000111
1.430
20
0010100
0.920
46
0101110
1.180
72
1001000
1.440
21
0010101
0.930
47
0101111
1.190
73
1001001
1.450
22
0010110
0.940
48
0110000
1.200
74
1001010
1.460
23
0010111
0.950
49
0110001
1.210
75
1001011
1.470
24
0011000
0.960
50
0110010
1.220
76
1001100
1.480
25
0011001
0.970
51
0110011
1.230
>76
>1001100
Illegal /
Special
Table 3. VID Function


유사한 부품 번호 - RT6203B

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203ENGSP RICHTEK-RT6203ENGSP Datasheet
438Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
RT6203FNGSP RICHTEK-RT6203FNGSP Datasheet
439Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results

유사한 설명 - RT6203B

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
   5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
   2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
   5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
   4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com