전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-LD2 데이터시트(PDF) 14 Page - RFbeam Microwave GmbH

부품명 K-LD2
상세설명  radar transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFBEAM [RFbeam Microwave GmbH]
홈페이지  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 데이터시트(HTML) 14 Page - RFbeam Microwave GmbH

Back Button K-LD2 Datasheet HTML 10Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 11Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 18Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 14/20
Command Classes
The command set is divided into different classes.
Every class contains a set of parameters.
COMMAND SET DESCRIPTION
Parameter Type
Cmd Class Volatile
Purpose
System parameters
S
Yes
System relevant parameters to configure the sampling and interference suppression
Detection parameters
D
Yes
Specific parameters to configure the detection algorithm
Array parameters
A
Yes
System specific tables
Flash read parameters
F
Yes
Read only parameters
Real-time read parameters
R
No
Real-time system and detection information
Basic write parameters
W
No
Basic write parameters to configure the system
Complex read parameters
C
No
Advanced read-out parameters
Testing parameters
T
No
Parameters to test the hardware
Table 4: Command classes
Error message
Description
@E01<CR><LF>
Value out of limits
@E02<CR><LF>
Parameter number does not exist
@E03<CR><LF>
Command class does not exist
@E04<CR><LF>
Writing to EEPROM error
@E05<CR><LF>
Command format error
@E06<CR><LF>
UART communication error
Table 7: Error messages
Prefix
Command class
Parameter
number (Hex)
Value (Hex) 8
or 16Bit wide
«Enter»
Example request
K-LD2 response
Comment
$S06<CR>
$S0602<CR>
@S0601<CR><LF>
@S0602<CR><LF>
Get actual value
Set new value
Table 5: Command format
Table 6: request/response example
Error messages
The K-LD2 responds with a message from the table
below if an error has occurred.
Command Format
Every command is ASCII coded and needs to be sent
over the serial interface by a host CPU or an ASCII
terminal program. Every request needs to start with
the prefix
$ and ends with a <CR> (0x0D in Hex). The
K-LD2 always answers with @ as a prefix excluding the
command class C.


유사한 부품 번호 - K-LD2

제조업체부품명데이터시트상세설명
logo
RFbeam Microwave GmbH
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-LD2-EVAL-RFB-01H RFBEAM-K-LD2-EVAL-RFB-01H Datasheet
1Mb / 13P
   radar transceiver
More results

유사한 설명 - K-LD2

제조업체부품명데이터시트상세설명
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20