전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-MC4 데이터시트(PDF) 1 Page - RFbeam Microwave GmbH

부품명 K-MC4
상세설명  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFBEAM [RFbeam Microwave GmbH]
홈페이지  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC4 데이터시트(HTML) 1 Page - RFbeam Microwave GmbH

  K-MC4 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
Features
24 GHz short range monopulse transceiver
Dual receiver +/- 15° angle coverage
Beam aperture 30°/ 12° @ -3dB
180MHz sweep FM input
High sensitivity, integrated RF/IF amplifier
Buffered I/Q IF outputs for both channels
Temperature compensated oscillator
RSW Rapid Sleep Wakeup for power saving
Extremely compact: 78x98x7mm3 construction
Applications
Ranging, distance and direction finding measurements
Traffic supervision and counting
Object speed measurement systems
Indµstrial sensors
Description
K-MC4 is a Doppler Transceiver with an
asymmetrical
beam
and
two
receiver
antennas. This configuration allows measuring
the angle of moving objects. This technique is
often simply called “Monopulse Radar”, but in
fact it is a
“Phase-Comparison Monopulse”
technique.
Target deviation of +/-15° from main axis
results in a phase deviation of +/- 100° at the
IF outputs I1/I2 or Q1/Q2 respectively.
The unique "RSW" Rapid Sleep Wakeup func-
tion with <5µs wakeup time makes this module
ideal for battery operated equipment. Typical
duty cycle in RWS mode may be < 1% with full
movement detection capability by sampling the
IF signals.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
A powerful evaluation kit ST200 is available.
Blockdiagram
Fig. 1: K-MC4 Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/11
Rx2
Rapid Sleep Wakeup
4x100R
Tx
Rx1
I,Q
I,Q
I1,Q1
2
2
24.00..24.25GHz
20dB
I2,Q2
/Enable
FM Input
Temp. Compensation
LNA


유사한 부품 번호 - K-MC4

제조업체부품명데이터시트상세설명
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
   RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
   Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
   RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results

유사한 설명 - K-MC4

제조업체부품명데이터시트상세설명
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
   radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com