전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K9F1G08U0E 데이터시트(PDF) 15 Page - Samsung semiconductor

부품명 K9F1G08U0E
상세설명  1Gb E-die NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0E 데이터시트(HTML) 15 Page - Samsung semiconductor

Back Button K9F1G08U0E Datasheet HTML 11Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 12Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 13Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 14Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 15Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 16Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 17Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 18Page - Samsung semiconductor K9F1G08U0E Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
- 15 -
datasheet
K9F1G08U0E
FLASH MEMORY
Rev. 1.11
SAMSUNG CONFIDENTIAL
3.0 NAND FLASH TECHNICAL NOTES
3.1 Initial Invalid Block(s)
Initial invalid blocks are defined as blocks that contain one or more initial invalid bits whose reliability is not guaranteed by Samsung. The information
regarding the initial invalid block(s) is called the initial invalid block information. Devices with initial invalid block(s) have the same quality level as devices
with all valid blocks and have the same AC and DC characteristics. An initial invalid block(s) does not affect the performance of valid block(s) because it
is isolated from the bit line and the common source line by a select transistor. The system design must be able to mask out the initial invalid block(s) via
address mapping. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block up to 1K program/erase cycles with 1bit/528Byte
ECC.
3.2 Identifying Initial Invalid Block(s)
All device locations are erased(FFh) except locations where the initial invalid block(s) information is written prior to shipping. The initial invalid block(s)
status is defined by the 1st byte in the spare area. Samsung makes sure that either the 1st or 2nd page of every initial invalid block has non-FFh data at
the column address of 2048. Since the initial invalid block information is also erasable in most cases, it is impossible to recover the information once it has
been erased. Therefore, the system must be able to recognize the initial invalid block(s) based on the original initial invalid block information and create
the initial invalid block table via the following suggested flow chart(Figure 3). Any intentional erasure of the original initial invalid block information is pro-
hibited.
[Figure 3] Flow chart to create initial invalid block table
*
Check "FFh" at the column address 2048
Start
Set Block Address = 0
Check "FFh"
Increment Block Address
Last Block ?
End
No
Yes
Yes
Create (or update)
No
Initial
of the 1st and 2nd page in the block
Invalid Block(s) Table


유사한 부품 번호 - K9F1G08U0E

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B-P SAMSUNG-K9F1G08U0B-P Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results

유사한 설명 - K9F1G08U0E

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9GAG08U0E SAMSUNG-K9GAG08U0E Datasheet
1Mb / 55P
   16Gb E-die NAND Flash
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
logo
Elite Semiconductor Mem...
F59L8G81XSB ESMT-F59L8G81XSB Datasheet
1Mb / 82P
   8 Gbit (1Gb x 8) 3.3V NAND Flash Memory
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CVG0S3HRAIG KIOXIA-TC58CVG0S3HRAIG Datasheet
2Mb / 43P
   1Gb, 3.3V Serial Interface NAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com