전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CH341A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 CH341A
상세설명  CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CH341A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  CH341A Datasheet HTML 1Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 2Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 3Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
The DataSheet of CH341 (the first)
3
Package shape
Width of plastic
Pitch of Pin
Instruction of package
Ordering type
SOP-28
7.62mm 300mil
1.27mm 50mil
Small outline package of 28-pin
CH341A
SSOP-20
5.30mm 209mil
0.65mm 25mil Shrink small outline package of 20-pin
CH341T
SSOP-20
5.30mm 209mil
0.65mm 25mil Shrink small outline package of 20-pin
CH341H
Note: CH341T is only used to USB convert to serial interface or USB convert to 2-wire interface,
CH341H is only used to USB convert to 4-wire interfaces etc. (such as SPI)
4. Pins
4.1.General explanation
The detail function of CH341 is decided by function configuration after reset. The same pin may have
different define under different function.
CH341T and CH341H adopts SSOP-20 package, the simple vision of CH341A, the pins with same pin
name have the same function of them. The multiply VCC pins parallel connect as VCC and multiply GND
pins parallel connect as GND in CH341T and CH341H.
4.2.Standard public pins
Pin No.
341A 341T 341H
Pin Name
Pin Type
Pin Description
28
13,20
20
VCC
POWER
Positive power input port, requires an 0.1uF power
decoupling capacitance
12
11,12
7,18
GND
POWER
Public ground, ground connection for USB bus
9
6
4
V3
POWER
Attachment of VCC input external power while
3.3V;connects of 0.01uF decoupling capacitance
outside while 5V
13
9
8
XI
IN
Input of crystal oscillator, attachment of crystal
and crystal oscillator capacitance external
14
10
9
XO
OUT
Opposite output of crystal oscillator, attachment of
crystal and crystal oscillator capacitance outside
10
7
5
UD+
USB signal
Directly connects to D+ data wire of USB bus
11
8
6
UD-
USB signal
Directly connects to D- data wire of USB bus
1
1
1
ACT#
OUT
After USB device configuration output status, low
active
2
No
2
RSTI
IN
Input of external reset, active with high-level, with
pull-down resistor
24
16
No
SCL
Drain open
Output
Output of chip function configuration, with
pull-up resistor, connect with SCL of serial
EEPROM configuration chip
23
15
No
SDA
drain open
OUT/IN
Input of chip function configuration, with pull-up
resistor, connect with SDA of serial EEPROM
configuration chip


유사한 부품 번호 - CH341A

제조업체부품명데이터시트상세설명
logo
Nanjing Qinheng Microel...
CH341A WCH-CH341A Datasheet
214Kb / 12P
   Bus switching chip
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
More results

유사한 설명 - CH341A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CH341A ETC-CH341A Datasheet
179Kb / 14P
   USB bus convert chip
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
   USB to Combo Serial & Printer Port
logo
NXP Semiconductors
PDIUSBD12 PHILIPS-PDIUSBD12 Datasheet
167Kb / 22P
   USB interface device with parallel bus
Rev. 08-20 December 2001
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com