전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALC888S-VD 데이터시트(PDF) 57 Page - Realtek Semiconductor Corp.

부품명 ALC888S-VD
상세설명  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  REALTEK [Realtek Semiconductor Corp.]
홈페이지  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD 데이터시트(HTML) 57 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 53Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 54Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 55Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 56Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 61Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
49
Track ID: JATR-2265-11
Rev. 1.2
8.14. Verb – Set Converter Format (Verb ID=2h)
Table 46. Verb – Set Converter Format (Verb ID=2h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=2h
Set Format [15:0]
0’s for All Nodes
‘Set’ Payload in Command Bit[15:0]
Bit
Description
31:16
Reserved. Read as 0.
15
Stream Type (TYPE).
0: PCM
1: Non-PCM
14
Sample Base Rate (BASE).
0: 48kHz
1: 44.1kHz
13:11
Sample Base Rate Multiple (MULT).
000b: ×1
001b: ×2
010b: ×3
011b: ×4
100b~111b: Reserved
10:8
Sample Base Rate Divisor (DIV).
000b: /1
001b: /2
010b: /3
011b: /4
100b: /5
101b: /6
110b: /7
111b: /8
7
Reserved. Read as 0.
6:4
Bits per Sample (BITS).
000b: 8 bits
001b: 16 bits
010b: 20 bits
011b: 24 bits
100b: 32 bits
101b~111b: Reserved
3:0
Number of Channels.
0: 1 channel
1: 2 channels
2: 3 channels
……
15: 16 channels


유사한 부품 번호 - ALC888S-VD

제조업체부품명데이터시트상세설명
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

유사한 설명 - ALC888S-VD

제조업체부품명데이터시트상세설명
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com