전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GPD2846A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 GPD2846A
상세설명  The GPD2846A is an integrated MP3 player IC with FM radio and Line In features with 2W mono amplifie, maximum output 3W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GPD2846A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  GPD2846A Datasheet HTML 1Page - List of Unclassifed Manufacturers GPD2846A Datasheet HTML 2Page - List of Unclassifed Manufacturers GPD2846A Datasheet HTML 3Page - List of Unclassifed Manufacturers GPD2846A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Storage. Store up to 50 stations.
[Scan +]: 108MHz to search, from the current direction of the channel to search
for the closest valid 108MHz radio station, then stopped play
The radio station.
[Scan-]: 87.5MHz to search, from the current direction of the channel to search
for the closest valid 87.5MHz radio, then stopped play
The radio station.
[CH +]: Skip to the next (frequency +) saved FM radio stations.
[CH-]: Skips to the previous (frequency -) saved FM radio stations.
[RW]: Rewind, MP3 rewind.
[FF]: Fast Forward, MP3 fast forward.
[Mode]: Mode switching, in sequence : SD card / T card / U disk / FM / Line In.
Note : when selecting a mode manually, make sure the expected peripheral is
actually present. For example, after selecting Line In Mode, you must insert Line
In line, the IC will cut down automatically if a mode is selected but the expected
peripheral is absent.
[Repeat]: In two cycle mode switch, All (the whole song cycle) Single (single
cycle)?.
[EQ]: the sound field effect "Normal (normal) Classic (Classic) Bass (bass) Live
(live) Rock (Shake


유사한 부품 번호 - GPD2846A

제조업체부품명데이터시트상세설명
logo
Generalplus Technology ...
GPD2856A GENERALPLUS-GPD2856A Datasheet
663Kb / 14P
   The GPD2856A is a chip designed for MP3 players with FM radio and LineIn capabilities.
More results

유사한 설명 - GPD2846A

제조업체부품명데이터시트상세설명
logo
Generalplus Technology ...
GPD2856A GENERALPLUS-GPD2856A Datasheet
663Kb / 14P
   The GPD2856A is a chip designed for MP3 players with FM radio and LineIn capabilities.
logo
VLSI Solution Oy
VS1010DS VLSI-VS1010DS Datasheet
1Mb / 98P
   VS1010d - Mp3 Player IC with USB and SD card Interfaces
Version: 0.41, 2022-10-05
logo
Infineon Technologies A...
TUA4401K INFINEON-TUA4401K Datasheet
504Kb / 41P
   FM Car Radio IC with PLL
V 2.1 23.09.1999
logo
Toshiba Semiconductor
TA7613AP TOSHIBA-TA7613AP Datasheet
541Kb / 7P
   AM/FM RADIO IC WITH POWER AMPLIFIER
logo
Infineon Technologies A...
BGM704N7 INFINEON-BGM704N7 Datasheet
1Mb / 31P
   FM Radio LNA with Integrated RX/TX Switch
Revision 2.1, 2010-10-19
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126 Datasheet
274Kb / 14P
   The A1126 integrated circuit is an omnipolar, ultrasensitive Hall-effect switch with a digital output.
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
   touch sensing IC is an integrated circuit
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
   FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
   AM/FM Radio IC
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com