전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L64105 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 L64105
상세설명  AUDIO/VIDEO DECODER
Download  454 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

L64105 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button L64105 Datasheet HTML 7Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 8Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 9Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 10Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 11Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 12Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 13Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 14Page - List of Unclassifed Manufacturers L64105 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 454 page
background image
Contents
xi
4.56
Register 195 (0x0C3) Host SDRAM Write Data [7:0]
4-41
4.57
Registers 196–198 (0x0C4–0x0C6)
Host SDRAM Target Address [18:0]
4-42
4.58
Registers 199–201 (0x0C7–0x0C9)
Host SDRAM Source Address [18:0]
4-42
4.59
Registers 202 and 203 (0x0CA and 0x0CB)
Block Transfer Count [15:0]
4-43
4.60
Register 204 (0x0CC)
4-43
4.61
Register 205 (0x0CD)
4-44
4.62
Register 206 (0x0CE)
4-45
4.63
Registers 207–212 (0x0CF–0x0D4)
4-45
4.64
Registers 213–215 (0xD5–0x0D7)
DMA SDRAM Target Address [18:0]
4-46
4.65
Registers 216–218 (0xD8–0x0DA)
DMA SDRAM Source Address [18:0]
4-46
4.66
Register 219 (0x0DB) DMA SDRAM Read Data [7:0]
4-47
4.67
Register 220 (0x0DC) DMA SDRAM Write Data [7:0]
4-47
4.68
Register 221 (0x0DD)
4-47
4.69
Registers 222 and 223 (0x0DE and 0x0DF)
VCO Test Low Freq [15:8]
4-47
4.70
Registers 224 and 225 (0x0E0 and 0x0E1)
Anchor Luma Frame Store 1 Base Address [15:0]
4-48
4.71
Registers 226 and 227 (0x0E2 and 0x0E3)
Anchor Chroma Frame Store 1 Base Address [15:0]
4-48
4.72
Registers 228 and 229 (0x0E4 and 0x0E5)
Anchor Luma Frame Store 2 Base Address [15:0]
4-48
4.73
Registers 230 and 231 (0x0E6 and 0x0E7)
Anchor Chroma Frame Store 2 Base Address [15:0]
4-49
4.74
Registers 232 and 233 (0x0E8 and 0x0E9)
B Luma Frame Store Base Address [15:0]
4-49
4.75
Registers 234 and 235 (0x0EA and 0x0EB)
B Chroma Frame Store Base Address [15:0]
4-49
4.76
Register 236 (0x0EC)
4-50
4.77
Register 237 (0x0ED)
4-51
4.78
Register 238 (0x0EE)
4-52
4.79
Register 239 (0x0EF)
4-54
4.80
Register 240 (0x0F0)
4-56
4.81
Register 241 (0x0F1)
4-56
4.82
Register 242 (0x0F2) Q Table Entry [7:0]
4-57


유사한 부품 번호 - L64105

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
L641 CRYDOM-L641 Datasheet
585Kb / 4P
   Power Modules
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Gilway Technical Lamp
L6414 GILWAY-L6414 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L6414 GILWAY-L6414 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L6415 GILWAY-L6415 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
More results

유사한 설명 - L64105

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
   PCl Audio/Video Broadcast Decoder
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
logo
NXP Semiconductors
SAA7134HL PHILIPS-SAA7134HL Datasheet
211Kb / 52P
   PCI audio and video broadcast decoder
2002 Dec 17
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
   PCI audio and video broadcast decoder
2003 Feb 04
logo
Synaptics Incorporated.
CX25858 CONEXANT-CX25858 Datasheet
208Kb / 2P
   8-Channel Audio/Video Decoder with
CX25824 CONEXANT-CX25824 Datasheet
2Mb / 2P
   4-Channel Video/Audio Decoder with Integrated Audio DAC
CX25828 CONEXANT-CX25828 Datasheet
2Mb / 2P
   8-Channel Video/Audio Decoder with Integrated Audio DAC
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA7131 PHILIPS-SAA7131 Datasheet
5Mb / 94P
   FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com