전자부품 데이터시트 검색엔진 |
|
4N28S-TA1 데이터시트(PDF) 1 Page - Lite-On Technology Corporation |
|
4N28S-TA1 데이터시트(HTML) 1 Page - Lite-On Technology Corporation |
1 / 5 page 12-28 General Purpose Type General Purpose Type General Purpose Type General Purpose Type General Purpose Type Photocoupler Photocoupler Photocoupler Photocoupler Photocoupler LTV-4N25 Series/LTV-4N26 Series LTV-4N27 Series/LTV-4N28 Series 4N25 Series/4N26 Series/4N27 Series/4N28 Series Features Response Time (tr : TYP,3 s at VCE=10V, IC=2mA, RL=100 ) UL approved (No. E113898) TUV approved (No.R9653630) CSA approved (No. CA91533-1) FIMKO approved (No. 193422) NEMKO approved (No. P96103013) DEMKO approved (No. 303985) SEMKO approved (No. 9646047/01-30) VDE approved (No. 094722 ) Options available : -Leads with 0.4"(10.16mm)spacing (M Type) -Leads bends for surface mounting(S Type) -Tape and Reel of Type I for SMD(Add"-TA"Suffix) -Tape and Reel of Type II for SMD(Add"-TA1"Suffix) -VDE 0884 approvals (Add"-V"Suffix) Applications 1. I/O interfaces for computers. 2. System appliances, measuring instruments. 3. Signal transmission between circuits of different poten- tials and impedances. Note: 1.Year date code. 2. 2-digit work week. 3. Factory code shall be marked (Z : Taiwan, Y : Thailand). 4. Model No. : LTV4N25 ; LTV4N26 ; LTV4N27 ; LTV4N28 ; 4N25 ; 4N26 ; 4N27 ; 4N28. 5. All dimensions are in millimeters (inches). 6. Tolerance is 0.25mm (.010 ) unless otherwise noted. 7. Specifications are subject to change without notice. Package Dimensions |
유사한 부품 번호 - 4N28S-TA1 |
|
유사한 설명 - 4N28S-TA1 |