전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N28-V 데이터시트(PDF) 3 Page - Lite-On Technology Corporation

부품명 4N28-V
상세설명  GENERAL PURPOSE TYPE PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

4N28-V 데이터시트(HTML) 3 Page - Lite-On Technology Corporation

  4N28-V Datasheet HTML 1Page - Lite-On Technology Corporation 4N28-V Datasheet HTML 2Page - Lite-On Technology Corporation 4N28-V Datasheet HTML 3Page - Lite-On Technology Corporation 4N28-V Datasheet HTML 4Page - Lite-On Technology Corporation 4N28-V Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12-30
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
*1.Isolation Voltage
Operating Temperature
Storage Temperature
*2.Soldering Temperature
Forward Current
Reverse Voltage
Power Dissipation
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
4N25
4N26
4N27
4N28
IF
VR
P
VCEO
VCBO
VECO
IC
PC
Ptot
Viso
Topr
Tstg
Tsol
80
6
150
30
70
7
100
150
250
2,500
1,500
1,500
500
-55~+100
-55~+150
260
mA
V
mW
V
V
V
mA
mW
mW
Vrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Reverse Current
Terminal Capacitance
Collector
Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector-Base
Breakdown Voltage
Collector
Current
*1 Current
Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Response Time (Rise)
Response Time (Fall)
4N25/26/27
4N28
4N25/26
4N27/28
4N25/26
4N27/28
VF
IR
Ct
ICEO
BVCEO
BVECO
BVCBO
IC
CTR
VCE(sat)
RISO
Cf
tr
tf
30
7
70
2
1
20
10
5
1010
1.2
50
0.1
1
1011
1.0
3
3
1.5
10
50
100
0.5
V
A
pF
nA
V
V
V
mA
%
V
pF
s
s
IF=10mA
VR=4V
V=0, f=1kHz
VCE=10V
IC=0.1mA
IE=10
A
IC=0.1mA
*1. CTR=
100%
IC
IF
IF=10mA
VCE=10V
IF=10mA
VCE=10V
IF=50mA, IC=2mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCE=10V, RBE=
RL=100
, IC=2mA


유사한 부품 번호 - 4N28-V

제조업체부품명데이터시트상세설명
logo
CT Micro International ...
4N28-G CTMICRO-4N28-G Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
4N28-M FAIRCHILD-4N28-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
4N28-X VISHAY-4N28-X Datasheet
166Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.2, 16-Jan-12
4N28-X VISHAY-4N28-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N28-X VISHAY-4N28-X Datasheet
153Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
More results

유사한 설명 - 4N28-V

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
COSMO Electronics Corp...
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
   General Purpose Type Photocoupler
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
   General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N139S COSMO-KPC6N139S Datasheet
172Kb / 5P
   General Purpose Type Photocoupler
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com