전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBS599 데이터시트(PDF) 2 Page - EIC discrete Semiconductors

부품명 STBS599
상세설명  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBS599 데이터시트(HTML) 2 Page - EIC discrete Semiconductors

  STBS599 Datasheet HTML 1Page - EIC discrete Semiconductors STBS599 Datasheet HTML 2Page - EIC discrete Semiconductors STBS599 Datasheet HTML 3Page - EIC discrete Semiconductors STBS599 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
STBS06H
6.40
7.3
10
5.0
1200
52.0
9.6
5.0
STBS56H
6.40
7.0
10
5.0
1200
54.3
9.2
5.0
STBS07A
6.67
8.15
10
6.0
1200
43.9
11.4
5.0
STBS57A
6.67
7.37
10
6.0
1200
48.5
10.3
5.0
STBS07G
7.22
8.82
10
6.5
800
40.7
12.3
5.0
STBS57G
7.22
7.98
10
6.5
800
44.7
11.2
5.0
STBS08C
7.78
9.51
10
7.0
300
37.8
13.3
6.0
STBS58C
7.78
8.60
10
7.0
300
41.7
12.0
6.0
STBS08I
8.33
10.2
1.0
7.5
50
35.0
14.3
7.0
STBS58I
8.33
9.21
1.0
7.5
50
38.8
12.9
7.0
STBS09B
8.89
10.9
1.0
8.0
25
33.3
15.0
7.0
STBS59B
8.89
9.30
1.0
8.0
25
36.7
13.6
7.0
STBS010
9.44
11.5
1.0
8.5
10
31.4
15.9
8.0
STBS510
9.44
10.4
1.0
8.5
10
34.7
14.4
8.0
STBS011
10.0
12.2
1.0
9.0
2.0
29.5
16.9
9.0
STBS511
10.0
11.1
1.0
9.0
2.0
32.5
15.4
9.0
STBS012
11.1
13.6
1.0
10.0
2.0
26.6
18.8
10.0
STBS512
11.1
12.3
1.0
10.0
2.0
29.4
17.0
10.0
STBS013
12.2
14.9
1.0
11.0
1.0
24.9
20.1
11.0
STBS513
12.2
13.5
1.0
11.0
1.0
27.4
18.2
11.0
STBS014
13.3
16.3
1.0
12.0
1.0
22.7
22.0
12.0
STBS514
13.3
14.7
1.0
12.0
1.0
25.1
19.9
12.0
STBS015
14.4
17.6
1.0
13.0
1.0
21.0
23.8
13.0
STBS515
14.4
15.9
1.0
13.0
1.0
23.2
21.5
13.0
STBS016
15.6
19.1
1.0
14.0
1.0
19.4
25.8
14.0
STBS516
15.6
17.2
1.0
14.0
1.0
21.5
23.2
14.0
STBS018
16.7
20.4
1.0
15.0
1.0
18.8
26.9
16.0
STBS518
16.7
18.5
1.0
15.0
1.0
20.6
24.4
16.0
STBS019
17.8
21.8
1.0
16.0
1.0
17.6
28.8
19.0
STBS519
17.8
19.7
1.0
16.0
1.0
19.2
26.0
17.0
STBS020
18.9
23.1
1.0
17.0
1.0
16.4
30.5
20.0
STBS520
18.9
20.9
1.0
17.0
1.0
18.1
27.6
19.0
STBS021
20.0
24.4
1.0
18.0
1.0
15.5
32.2
21.0
STBS521
20.0
22.1
1.0
18.0
1.0
17.2
29.2
20.0
STBS023
22.2
27.1
1.0
20.0
1.0
13.9
35.8
25.0
STBS523
22.2
24.5
1.0
20.0
1.0
15.4
32.4
23.0
STBS026
24.4
29.8
1.0
22.0
1.0
12.7
39.4
28.0
STBS526
24.4
26.9
1.0
22.0
1.0
14.1
35.5
25.0
STBS028
26.7
32.6
1.0
24.0
1.0
11.6
43.0
31.0
STBS528
26.7
29.5
1.0
24.0
1.0
12.8
38.9
28.0
STBS030
28.9
35.3
1.0
26.0
1.0
10.7
46.6
31.0
STBS530
28.9
31.9
1.0
26.0
1.0
11.9
42.1
30.0
STBS033
31.1
38.0
1.0
28.0
1.0
9.9
50.0
35.0
STBS533
31.1
34.4
1.0
28.0
1.0
11.0
45.4
31.0
STBS035
33.3
40.7
1.0
30.0
1.0
9.3
53.5
39.0
STBS535
33.3
36.8
1.0
30.0
1.0
10.3
48.4
36.0
STBS039
36.7
44.9
1.0
33.0
1.0
8.5
59.0
42.0
Page 2 of 4
Rev. 03 : July 22, 2002


유사한 부품 번호 - STBS599

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STB-1 ETC-STB-1 Datasheet
155Kb / 1P
   DO-35 Case
STB-2 ETC-STB-2 Datasheet
155Kb / 1P
   DO-35 Case
STB-3 ETC1-STB-3 Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
STB-4 ETC-STB-4 Datasheet
155Kb / 1P
   DO-35 Case
STB-567 ETC-STB-567 Datasheet
155Kb / 1P
   DO-35 Case
More results

유사한 설명 - STBS599

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
STBB06I EIC-STBB06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBK06I EIC-STBK06I Datasheet
58Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBN06I EIC-STBN06I Datasheet
74Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBP06I EIC-STBP06I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB606I EIC-STB606I Datasheet
78Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com