전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS42406-CQZ 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CS42406-CQZ
상세설명  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406-CQZ 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CS42406-CQZ Datasheet HTML 3Page - Cirrus Logic CS42406-CQZ Datasheet HTML 4Page - Cirrus Logic CS42406-CQZ Datasheet HTML 5Page - Cirrus Logic CS42406-CQZ Datasheet HTML 6Page - Cirrus Logic CS42406-CQZ Datasheet HTML 7Page - Cirrus Logic CS42406-CQZ Datasheet HTML 8Page - Cirrus Logic CS42406-CQZ Datasheet HTML 9Page - Cirrus Logic CS42406-CQZ Datasheet HTML 10Page - Cirrus Logic CS42406-CQZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CS42406
7
DAC_FILT+
21
Positive Voltage Reference (
Output) - Positive reference voltage for the internal sampling circuits.
DAC_VQ
22
Quiescent Voltage (
Output) - Filter connection for internal quiescent voltage.
AINL
AINR
24
26
Analog Inputs
(Input) - The full scale analog input level is specified in the “ADC Analog Character-
istics (CS42406-CQZ)” on page 14.
ADC_VQ
25
Quiescent Voltage (
Output) - Filter connection for internal quiescent voltage.
AOUTB3
AOUTA3
AOUTB2
AOUTA2
AOUTB1
AOUTA1
29
30
36
37
39
40
Analog Outputs (
Output) - The full scale analog line output level is specified in the “DAC Analog
Characteristics (CS42406-CQZ)” on page 9.
MUTEC3
MUTEC2
MUTEC1
28
38
41
Mute Control (
Output) - Control signals for optional mute circuit.
VA
32
Analog Power (
Input) - Positive power supply for the analog section.
ADC_FILT+
34
Positive Voltage Reference (
Output) - Positive reference voltage for the internal sampling circuits.
ADC_M1
ADC_M0
43
44
ADC Mode Selection (
Input) - Determines the operational speed mode of the ADC.
SDIN1
SDIN2
SDIN3
46
47
48
Serial Audio Data Input (
Input) - Input for two’s complement serial audio data.
DAC Control
Port Definitions
SCL/CCLK
13
Serial Control Port Clock (
Input) - Serial clock for the control port interface.
SDA/CDIN
14
Serial Control Data I/O (
Input/Output)
- Input/Output for I²C data. Input for SPI data.
AD0/CS
15
Address Bit / Chip Select (
Input) - Chip address bit in I²C Mode. Control signal used to select the
chip in SPI mode.
DAC Stand
Alone Defini-
tions
DIF1
DIF0
13
14
Digital Interface Format (
Input) - Defines the required relationship between the Left Right Clock,
Serial Clock and Serial Audio Data for the DAC.
DAC_M0
DAC_M1
15
17
Mode Selection (
Input) - Determines the operational speed mode of the DAC.


유사한 부품 번호 - CS42406-CQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZR CIRRUS-CS42416-CQZR Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
More results

유사한 설명 - CS42406-CQZ

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
   192kHz 24-bit 2ch/12ch Audio CODEC
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com