전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11920 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LB11920
상세설명  Three-Phase Brushless Motor Driver for Office Equipment Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11920 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11920 Datasheet HTML 2Page - Sanyo Semicon Device LB11920 Datasheet HTML 3Page - Sanyo Semicon Device LB11920 Datasheet HTML 4Page - Sanyo Semicon Device LB11920 Datasheet HTML 5Page - Sanyo Semicon Device LB11920 Datasheet HTML 6Page - Sanyo Semicon Device LB11920 Datasheet HTML 7Page - Sanyo Semicon Device LB11920 Datasheet HTML 8Page - Sanyo Semicon Device LB11920 Datasheet HTML 9Page - Sanyo Semicon Device LB11920 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
No. 7229-6/10
LB11920
Pin Functions
Pin No.
Pin
Function
Equivalent circuit
Motor drive output pin
28
1
2
OUT1
OUT2
OUT3
1
2
28
300
RF
3
6
VM
5
25
24
26
Output GND pin
3, 26
GND2
Power pin
5, 25
VM
Output Tr power and output current detector pins,
which connect low resistance (Rf) to VM.
The output current is restricted to the current value
set with IOUT = VRF/Rf.
6, 24
RF
Hall element signal three-phase composite output.
Withstand voltage 35 V max.
7
HP
VCC
7
Brake input pin.
“L” for brake and “H” or open for normal rotation.
8
BR
VCC
3.5 k
8
PWM pulse input pin.
L for output drive and H or open for output OFF
9
PWM
IN
VCC
3.5 k
9
Forward/reverse input pin
10
F/R
VCC
3.5 k
10
Continued on next page.


유사한 부품 번호 - LB11920

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11920 ONSEMI-LB11920 Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
LB11920-E ONSEMI-LB11920-E Datasheet
117Kb / 10P
   Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

유사한 설명 - LB11920

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com