전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XN04401 데이터시트(PDF) 3 Page - Panasonic Semiconductor

부품명 XN04401
상세설명  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN04401 데이터시트(HTML) 3 Page - Panasonic Semiconductor

  XN04401 Datasheet HTML 1Page - Panasonic Semiconductor XN04401 Datasheet HTML 2Page - Panasonic Semiconductor XN04401 Datasheet HTML 3Page - Panasonic Semiconductor XN04401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XN04401
3
SJJ00071BED
NF
 I
E
NF
 I
E
h parameter
 I
E
h parameter
 V
CE
0
6
5
4
3
2
1
Emitter current I
E (mA)
10−2
10−1
110
VCB
= −5 V
f
= 1 kHz
Rg
= 2 kΩ
Ta
= 25°C
0
20
2
18
4
6
8
10
12
14
16
Emitter current I
E (mA)
10−1
110
VCB
= −5 V
Rg
= 50 kΩ
Ta
= 25°C
f
= 100 Hz
10 kHz
1 kHz
Emitter current I
E (mA)
1
10−1
10
102
110
VCE
= −5 V
f
= 270 Hz
Ta
= 25°C
hfe
hoe (
µS)
hie (k
Ω)
hre (
× 10−4)
Collector-emitter voltage V
CE (V)
1
−1
10
102
−10
−102
hfe
hoe (
µS)
hie (k
Ω)
hre (
× 10−4)
IE
= 2 mA
f
= 270 Hz
Ta
= 25°C


유사한 부품 번호 - XN04401

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
XN04402 PANASONIC-XN04402 Datasheet
89Kb / 3P
   Silicon PNP epitaxial planer transistor
More results

유사한 설명 - XN04401

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4