전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G3208DBVRE4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 74LVC1G3208DBVRE4
상세설명  SINGLE 3-INPUT POSITIVE OR-AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G3208DBVRE4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 74LVC1G3208DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G3208DBVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 M
1 M
1 M
1 M
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
15 pF
15 pF
15 pF
15 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC1G3208
SINGLE 3-INPUT POSITIVE OR-AND GATE
SCES605A – SEPTEMBER 2004 – REVISED JUNE 2005
Figure 4. Load Circuit and Voltage Waveforms
6


유사한 부품 번호 - 74LVC1G3208DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G3208DBVRE4 TI-74LVC1G3208DBVRE4 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results

유사한 설명 - 74LVC1G3208DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com