전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WS7808QM 데이터시트(PDF) 11 Page - Will Semiconductor Ltd.

부품명 WS7808QM
상세설명  0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLSEMI [Will Semiconductor Ltd.]
홈페이지  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7808QM 데이터시트(HTML) 11 Page - Will Semiconductor Ltd.

Back Button WS7808QM Datasheet HTML 4Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 5Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 6Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 7Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 8Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 9Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 10Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 11Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 12Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WS7808QM
Will Semiconductor Ltd.
Mar, 2018_V1.4
PACKAGE OUTLINE DIMENSIONS
QFN2x2-14L
SIDE VIEW
TOP VIEW
BOTTOM VIEW
E1
E
e
Symbol
Dimensions in Millimeters
Min.
Typ.
Max.
A
0.52
0.55
0.58
A3
0.13Ref.
D
1.95
2.00
2.05
E
1.95
2.00
2.05
D1
0.95
1.00
1.05
E1
0.95
1.00
1.05
b
0.15
0.20
0.25
e
0.40 BSC..
L
0.19
0.25
0.30
K
0.20
0.25
0.31


유사한 부품 번호 - WS7808QM

제조업체부품명데이터시트상세설명
logo
Will Semiconductor Ltd.
WS7808Q WILLSEMI-WS7808Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808Q-14/TR WILLSEMI-WS7808Q-14/TR Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC-14/TR WILLSEMI-WS7808QC-14/TR Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QD WILLSEMI-WS7808QD Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP8T Diversity Receive Antenna Switch
More results

유사한 설명 - WS7808QM

제조업체부품명데이터시트상세설명
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
WS7804QM WILLSEMI-WS7804QM Datasheet
556Kb / 12P
   0.1GHz??GHz SP4T Diversity Antenna Switch with MIPI RFFE Interface
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
   4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
   SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
   SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
BGSX24MU16 INFINEON-BGSX24MU16 Datasheet
730Kb / 20P
   DP4T Antenna Cross Switch with MIPI RFFE Control Interface
Revision 2.0 2019-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com