전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2003AIDR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 ULN2003AIDR
상세설명  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AIDR 데이터시트(HTML) 3 Page - Texas Instruments

  ULN2003AIDR Datasheet HTML 1Page - Texas Instruments ULN2003AIDR Datasheet HTML 2Page - Texas Instruments ULN2003AIDR Datasheet HTML 3Page - Texas Instruments ULN2003AIDR Datasheet HTML 4Page - Texas Instruments ULN2003AIDR Datasheet HTML 5Page - Texas Instruments ULN2003AIDR Datasheet HTML 6Page - Texas Instruments ULN2003AIDR Datasheet HTML 7Page - Texas Instruments ULN2003AIDR Datasheet HTML 8Page - Texas Instruments ULN2003AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Electrical Characteristics
ULN2003AI
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS054B – JULY 2003 – REVISED FEBRUARY 2005
at 25
°C free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Collector-emitter voltage
50
V
Clamp diode reverse voltage(2)
50
V
VI
Input voltage(2)
30
V
Peak collector current(3)(4)
500
mA
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
TA
Operating free-air temperature range
–40
105
°C
D package
73
θ
JA
Package thermal impedance(3)(4)
N package
67
°C/W
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
T
A = 25°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IC = 200 mA
2.4
VI(on)
On-state input voltage
5
VCE = 2 V
IC = 250 mA
2.7
V
IC = 300 mA
3
II = 250 µA,
IC = 100 mA
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
4
II = 350 µA,
IC = 200 mA
1
1.3
V
II = 500 µA,
IC = 350 mA
1.2
1.6
ICEX
Collector cutoff current
1
VCE = 50 V,
II = 0
50
µA
VF
Clamp forward voltage
7
IF = 350 mA
1.7
2
V
II(off)
Off-state input current
2
VCE = 50 V,
IC = 500 µA
50
65
µA
II
Input current
3
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
6
VR = 50 V
50
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
3


유사한 부품 번호 - ULN2003AIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ULN2003AIDR TI-ULN2003AIDR Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIDR TI1-ULN2003AIDR Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIDR TI1-ULN2003AIDR Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003AIDR TI1-ULN2003AIDR Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
ULN2003AIDRE4 TI-ULN2003AIDRE4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results

유사한 설명 - ULN2003AIDR

제조업체부품명데이터시트상세설명
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com