전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC3G04DC 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74AHC3G04DC
상세설명  INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC3G04DC 데이터시트(HTML) 3 Page - NXP Semiconductors

  74AHC3G04DC Datasheet HTML 1Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 2Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 3Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 4Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 5Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 6Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 7Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 8Page - NXP Semiconductors 74AHC3G04DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2003 Nov 06
3
Philips Semiconductors
Product specification
Inverter
74AHC3G04; 74AHCT3G04
ORDERING AND PACKAGE INFORMATION
PINNING
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC3G04DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
A04
74AHCT3G04DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
C04
74AHC3G04DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
A04
74AHCT3G04DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
C04
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
3Y
data output
3
2A
data input
4
GND
ground (0 V)
5
2Y
data output
6
3A
data input
7
1Y
data output
8VCC
supply voltage
handbook, halfpage
1
2
3
4
8
7
6
5
MNA719
04
VCC
1Y
3Y
3A
2Y
GND
2A
1A
Fig.1 Pin configuration.
handbook, halfpage
MNA720
1A
1Y
17
2A
2Y
35
3A
3Y
62
Fig.2 Logic symbol.


유사한 부품 번호 - 74AHC3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC3G04DC NXP-74AHC3G04DC Datasheet
89Kb / 13P
   Inverter
Rev. 02-26 January 2009
logo
Nexperia B.V. All right...
74AHC3G04DC NEXPERIA-74AHC3G04DC Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHC3G04DC-Q100 NEXPERIA-74AHC3G04DC-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

유사한 설명 - 74AHC3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com