전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT3G04DC 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AHCT3G04DC
상세설명  INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT3G04DC 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT3G04DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2003 Nov 06
7
Philips Semiconductors
Product specification
Inverter
74AHC3G04; 74AHCT3G04
Tamb = −40 to +125 °C
VIH
HIGH-level input
voltage
2.0
1.5
−−
V
3.0
2.1
−−
V
5.5
3.85
−−
V
VIL
LOW-level input
voltage
2.0
−−
0.5
V
3.0
−−
0.9
V
5.5
−−
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA
2.0
1.9
−−
V
IO = −50 µA
3.0
2.9
−−
V
IO = −50 µA
4.5
4.4
−−
V
IO = −4.0 mA
3.0
2.40
−−
V
IO = −8.0 mA
4.5
3.70
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA
2.0
−−
0.1
V
IO =50 µA
3.0
−−
0.1
V
IO =50 µA
4.5
−−
0.1
V
IO = 4.0 mA
3.0
−−
0.55
V
IO = 8.0 mA
4.5
−−
0.55
V
ILI
input leakage
current
VI =VCC or GND
5.5
−−
2.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0
5.5
−−
40
µA
CI
input capacitance
−−
10
pF
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


유사한 부품 번호 - 74AHCT3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT3G04DC NXP-74AHCT3G04DC Datasheet
89Kb / 13P
   Inverter
Rev. 02-26 January 2009
logo
Nexperia B.V. All right...
74AHCT3G04DC NEXPERIA-74AHCT3G04DC Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHCT3G04DC-Q100 NEXPERIA-74AHCT3G04DC-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

유사한 설명 - 74AHCT3G04DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com