전자부품 데이터시트 검색엔진 |
|
SN74AC533DW 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74AC533DW 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 11 page SN54AC533, SN74AC533 OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCAS555C − NOVEMBER 1995 − REVISED OCTOBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 0 V 0 V th tsu VOLTAGE WAVEFORMS Data Input tPLH tPHL VOH VOL 0 V Input In-Phase Output Timing Input VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ ≈VCC 0 V VOL + 0.3 V ≈0 V Open VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC Open TEST S1 VCC 0 V tw VOLTAGE WAVEFORMS Input VOH − 0.3 V 50% VCC 50% VCC 50% VCC VCC VCC 50% VCC 50% VCC 50% VCC 50% VCC VCC 50% VCC 50% VCC 50% VCC 50% VCC VCC 50% VCC 50% VCC 50% VCC tPHL VOL 50% VCC VOH tPLH Out-of-Phase Output NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74AC533DW |
|
유사한 설명 - SN74AC533DW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |