전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5381 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CDB5381
상세설명  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5381 데이터시트(HTML) 5 Page - Cirrus Logic

  CDB5381 Datasheet HTML 1Page - Cirrus Logic CDB5381 Datasheet HTML 2Page - Cirrus Logic CDB5381 Datasheet HTML 3Page - Cirrus Logic CDB5381 Datasheet HTML 4Page - Cirrus Logic CDB5381 Datasheet HTML 5Page - Cirrus Logic CDB5381 Datasheet HTML 6Page - Cirrus Logic CDB5381 Datasheet HTML 7Page - Cirrus Logic CDB5381 Datasheet HTML 8Page - Cirrus Logic CDB5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS563F2
5
CS5381
2. CHARACTERISTICS AND SPECIFICATIONS
All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical per-
formance characteristics and specifications are derived from measurements taken at VA = 5.0 V, VD = VL = 3.3 V,
and TA = 25
°C.
SPECIFIED OPERATING CONDITIONS
(GND = 0 V; all voltages with respect to 0 V.)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, All voltages with respect to ground.) (Note 1)
Notes:
1.
Operation beyond these limits may result in permanent damage to the device. Normal operation is not
guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SRC latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
DC Power Supplies:
Positive Analog
Positive Digital
Positive Logic
VA
VD
VL
4.75
3.1
2.37
5.0
-
-
5.25
5.25
5.25
V
V
V
Ambient Operating Temperature (Power Applied)
TA
-10
-
+70
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Analog
Logic
Digital
VA
VL
VD
-0.3
-0.3
-0.3
-
-
-
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 2)
Iin
-10
-
+10
mA
Analog Input Voltage
(Note 3)
VIN
GND-0.7
-
VA+0.7
V
Digital Input Voltage
(Note 3)
VIND
-0.7
-
VL+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
-
+95
°C
Storage Temperature
Tstg
-65
-
+150
°C


유사한 부품 번호 - CDB5381

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5321 CIRRUS-CDB5321 Datasheet
1Mb / 12P
   Evaluation Board
CDB5330A CIRRUS-CDB5330A Datasheet
666Kb / 14P
   Evaluation Board
CDB5331A CIRRUS-CDB5331A Datasheet
666Kb / 14P
   Evaluation Board
CDB5333 CIRRUS-CDB5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
CDB5334 CIRRUS-CDB5334 Datasheet
749Kb / 18P
   Evaluation Board
More results

유사한 설명 - CDB5381

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
   108 dB, 192 kHz, Multi-bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com