전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4918 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 2N4918
상세설명  GENERAL.PURPOSE POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4918 데이터시트(HTML) 4 Page - ON Semiconductor

  2N4918 Datasheet HTML 1Page - ON Semiconductor 2N4918 Datasheet HTML 2Page - ON Semiconductor 2N4918 Datasheet HTML 3Page - ON Semiconductor 2N4918 Datasheet HTML 4Page - ON Semiconductor 2N4918 Datasheet HTML 5Page - ON Semiconductor 2N4918 Datasheet HTML 6Page - ON Semiconductor 2N4918 Datasheet HTML 7Page - ON Semiconductor 2N4918 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N4918 thru 2N4920
http://onsemi.com
4
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03 0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
200 300
1000
500
θJC(t) = r(t) θJC
θJC = 4.16°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
10
1.0
Figure 5. Active–Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.1
2.0 3.0
5.0
10
20
30
50
100
70
0.2
TJ = 150°C
dc
5.0 ms
100 µs
7.0
PULSE CURVES APPLY BELOW
RATED VCEO
1.0 ms
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMIT @ TC = 25°C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC – VCE
operation i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.
5.0
10
Figure 6. Storage Time
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.5
0.3
0.2
0.1
0.05
20 30
50 70
500 700 1000
ts′ = ts - 1/8 tf
0.07
100
3.0
0.7
200 300
TJ = 25°C
TJ = 150°C
IC/IB = 20
5.0
10
Figure 7. Fall Time
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.5
0.3
0.2
0.1
0.05
20 30
50 70
500 700 1000
0.07
100
3.0
0.7
200 300
TJ = 25°C
TJ = 150°C
IC/IB = 10
IC/IB = 20
IC/IB = 10
IB1 = IB2
VCC = 30 V
IB1 = IB2


유사한 부품 번호 - 2N4918

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4918 ONSEMI-2N4918 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N4918 ONSEMI-2N4918 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
logo
Savantic, Inc.
2N4918 SAVANTIC-2N4918 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4918 JMNIC-2N4918 Datasheet
47Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4918 ISC-2N4918 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
More results

유사한 설명 - 2N4918

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com