전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS82032T-5I 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 GS82032T-5I
상세설명  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T-5I 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  GS82032T-5I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032T-5I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev: 1.04 2/2001
1/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
ByteSafe is a Trademark of Giga Semiconductor, Inc. (GSI Technology).
Preliminary
GS82032T/Q-150/138/133/117/100/66
64K x 32
2M Synchronous Burst SRAM
150 MHz–66 MHz
9 ns–18 ns
3.3 V VDD
3.3 V and 2.5 V I/O
TQFP, QFP
Commercial Temp
Industrial Temp
Features
• FT pin for user-configurable flow through or pipeline
operation
• Single Cycle Deselect (SCD) operation
• 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Common data inputs and data outputs
• Clock Control, registered, address, data, and control
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP or QFP package
Functional Description
Applications
The GS82032 is a 2,097,152-bit high performance
synchronous SRAM with a 2-bit burst address counter.
Although of a type originally developed for Level 2 Cache
applications supporting high performance CPUs, the device
now finds application in synchronous SRAM applications
ranging from DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin/bump (Pin 14 in the TQFP, Bump
1F in the FP-BGA). Holding the FT mode pin/bump low,
places the RAM in Flow Through mode, causing output data to
bypass the Data Output Register. Holding FT high places the
RAM in Pipeline mode, activating the rising-edge-triggered
Data Output Register.
SCD Pipelined Reads
The GS82032 is an SCD (Single Cycle Deselect) pipelined
synchronous SRAM. DCD (Dual Cycle Deselect) versions are
also available. SCD SRAMs pipeline deselect commands one
stage less than read commands. SCD RAMs begin turning off
their outputs immediately after the deselect command has been
captured in the input registers.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the byte write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS82032 operates on a 3.3 V power supply and all inputs/
outputs are 3.3 V- and 2.5 V-compatible. Separate output
power (VDDQ) pins are used to decouple output noise from the
internal circuit.
-150 -138 -133 -117 -100
-66
Unit
Pipeline
3-1-1-1
tCycle
tKQ
IDD
6.6
3.8
270
7.25
4
245
7.5
4
240
8.5
4.5
210
10
5
180
12.5
6
150
ns
ns
mA
Flow
Through
2-1-1-1
tCycle
tKQ
IDD
10.5
9
170
15
9.7
120
15
10
120
15
11
120
15
12
120
20
18
95
ns
ns
mA


유사한 부품 번호 - GS82032T-5I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

유사한 설명 - GS82032T-5I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com