전자부품 데이터시트 검색엔진 |
|
SN74AC563DWR 데이터시트(PDF) 1 Page - Texas Instruments |
|
SN74AC563DWR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 13 page SN54AC563, SN74AC563 OCTAL DTYPE TRANSPARENT LATCHES WITH 3STATE OUTPUTS SCAS552C − NOVEMBER 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 6-V VCC Operation D Inputs Accept Voltages to 6 V D Max tpd of 9 ns at 5 V D 3-State Inverting Outputs Drive Bus Lines Directly D Full Parallel Access for Loading D Flow-Through Architecture to Optimize PCB Layout description/ordering information The ’AC563 devices are octal D-type transparent latches with 3-state outputs. When the latch-enable (LE) input is high, the Q outputs follow the complements of the data (D) inputs. When LE is taken low, the Q outputs are latched at the inverse logic levels set up at the D inputs. A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without need for interface or pullup components. OE does not affect internal operations of the latches. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AC563N SN74AC563N SOIC − DW Tube SN74AC563DW AC563 SOIC − DW Tape and reel SN74AC563DWR AC563 −40 °C to 85°C SOP − NS Tape and reel SN74AC563NSR AC563 −40 C to 85 C SSOP − DB Tape and reel SN74AC563DBR AC563 TSSOP − PW Tube SN74AC563PW AC563 TSSOP − PW Tape and reel SN74AC563PWR AC563 CDIP − J Tube SNJ54AC563J SNJ54AC563J −55 °C to 125°C CFP − W Tube SNJ54AC563W SNJ54AC563W −55 C to 125 C LCCC − FK Tube SNJ54AC563FK SNJ54AC563FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1D 2D 3D 4D 5D 6D 7D 8D GND VCC 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q LE SN54AC563 ...J OR W PACKAGE SN74AC563 . . . DB, DW, N, NS, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 2Q 3Q 4Q 5Q 6Q 3D 4D 5D 6D 7D SN54AC563 . . . FK PACKAGE (TOP VIEW) UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
유사한 부품 번호 - SN74AC563DWR |
|
유사한 설명 - SN74AC563DWR |