전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM736V689 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KM736V689
상세설명  64Kx36 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM736V689 데이터시트(HTML) 3 Page - Samsung semiconductor

  KM736V689 Datasheet HTML 1Page - Samsung semiconductor KM736V689 Datasheet HTML 2Page - Samsung semiconductor KM736V689 Datasheet HTML 3Page - Samsung semiconductor KM736V689 Datasheet HTML 4Page - Samsung semiconductor KM736V689 Datasheet HTML 5Page - Samsung semiconductor KM736V689 Datasheet HTML 6Page - Samsung semiconductor KM736V689 Datasheet HTML 7Page - Samsung semiconductor KM736V689 Datasheet HTML 8Page - Samsung semiconductor KM736V689 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PRELIMINARY
KM736V689/L
64Kx36 Synchronous SRAM
- 3 -
Rev 1.0
April 1997
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin
TQFP
(20mm x 14mm)
DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
N.C.
VDD
N.C.
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
DQPd
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
N.C.
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa
PIN NAME
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0-A15
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37,
44,45,46,47,48,49,
81,82,99,100
83
84
85
89
98
97
92
93,94,95,96
86
88
87
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
DQPa~Pd
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(+3.3V)
Output Ground
15,41,65,91
17,40,67,90
14,16,38,39,42,43,50,66
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
51,80,1,30
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76


유사한 부품 번호 - KM736V689

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM736V689A SAMSUNG-KM736V689A Datasheet
449Kb / 15P
   64Kx36 Synchronous SRAM
More results

유사한 설명 - KM736V689

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM736V687A SAMSUNG-KM736V687A Datasheet
476Kb / 16P
   64Kx36 Synchronous SRAM
KM736V689A SAMSUNG-KM736V689A Datasheet
449Kb / 15P
   64Kx36 Synchronous SRAM
K7A203200B SAMSUNG-K7A203200B Datasheet
357Kb / 16P
   64Kx36/x32 Synchronous SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
KM736V687 SAMSUNG-KM736V687 Datasheet
461Kb / 15P
   64Kx36-Bit Synchronous Burst SRAM, 3.3V Power Datasheets for 100TQFP
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com