전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N31S 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 4N31S
상세설명  GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N31S 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  4N31S Datasheet HTML 1Page - Fairchild Semiconductor 4N31S Datasheet HTML 2Page - Fairchild Semiconductor 4N31S Datasheet HTML 3Page - Fairchild Semiconductor 4N31S Datasheet HTML 4Page - Fairchild Semiconductor 4N31S Datasheet HTML 5Page - Fairchild Semiconductor 4N31S Datasheet HTML 6Page - Fairchild Semiconductor 4N31S Datasheet HTML 7Page - Fairchild Semiconductor 4N31S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GENERAL PURPOSE 6-PIN
PHOTODARLINGTON OPTOCOUPLERS
4/25/00
200038B
4N29
4N30
4N31
4N32
4N33
INPUT
OUTPUT
INPUT
90%
Test Circuit
Waveforms
PULSE WIDTH
V
CC = 10 V
I
C = 50 mA
I
F = 200 mA
R
L
10%
tr
ton
tf
toff
OUTPUT PULSE
INPUT PULSE
<1 ms
Fig. 7 Switching Time Test Circuit and Waveforms
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES
(25°C Free air temperature unless otherwise specified) (Cont.)
Notes
* Indicates JEDEC registered data.
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10 V.
2. Pulse test: pulse width = 300µs, duty cycle
2.0% .
3. For test circuit setup and waveforms, refer to figure 7..
4. IF adjusted to IC = 2.0 mA and IC = 0.7 mA rms.
5. The frequency at which IC is 3dB down from the 1 KHz value.
6. For this test, LED pins 1 and 2 are common, and phototransistor pins 4,5 and 6 are common.


유사한 부품 번호 - 4N31S

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
4N31S(TA)-V EVERLIGHT-4N31S(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S(TB)-V EVERLIGHT-4N31S(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1(TA)-V EVERLIGHT-4N31S1(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1(TB)-V EVERLIGHT-4N31S1(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N31S1TA-V EVERLIGHT-4N31S1TA-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

유사한 설명 - 4N31S

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com